Part Number Hot Search : 
MBR20200 E227M 3RS207QA SXX18 LVC32 RT5021 S1061 00ETTT
Product Description
Full Text Search
 

To Download MAATSS0019TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
Features
* * * * * * * Single Control CMOS Logic for Each Bit Attenuation: 1 dB Steps to 15 dB Low DC Power Consumption: 50 W Lead-Free TSSOP-16 Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound RoHS* Compliant and 260C Reflow Compatible
MAATSS0019 V2
Functional Schematic 4,5
RF1 RF2
VS
GND GND GND GND GND GND
Pin 16
Description
The M/A-COM MAATSS0019 is a 4 Bit, 1 dB step GaAs MMIC digital attenuator in a lead-free TSSOP16 surface mount plastic package. The MAATSS0019 is ideally suited for use where high accuracy, very low power consumption and low intermodulation products are required. Typical applications include radio, cellular, wireless LANs, GPS equipment and other gain / level control circuits. The MAATSS0019 is fabricated using a mature 1 micron GaAs MESFET process. The process features full chip passivation for increased performance and reliability.
8 4 2 1
Pin 1
GND GND VC1 VC2 VC3 VC4 GND GND
4. 5.
Required external blocking caps shown. VS can be applied at RF1 or RF2 using a 10K Ohm or greater pull-up resistor
Ordering Information 1
Part Number
MAATSS0019 MAATSS0019TR
Pin Configuration
Package
Bulk Packaging 1000 piece reel
Pin No.
1 2 3 4
Function
Ground Ground VC1 VC2 VC3 VC4 Ground Ground
Pin No.
9 10 11 12 13 14 15 16
Function
RF Port 2 Ground Ground Ground Ground Ground Ground RF Port 1
1. Reference Application Note M513 for reel size information.
Absolute Maximum Ratings 2,3
Parameter
Input Power 50 MHz 500 - 4000 MHz Control Voltage Operating Temperature Storage Temperature 2. 3.
5 6
Absolute Maximum
+27 dBm +34 dBm +8 V, -1.0 V -40C to +85C -65C to +150C
7 8
Exceeding any one or combination of these limits may cause permanent damage to this device. M/A-COM does not recommend sustained operation near these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
Electrical Specifications: TA = 25C
Parameter
Reference Insertion Loss
MAATSS0019 V2
Test Conditions
0.5 - 1.0 GHz 1.0 - 2.0 GHz 2.0 - 3.0 GHz 3.0 - 4.0 GHz 0.5 - 1.0 GHz 1.0 - 2.0 GHz 2.0 - 4.0 GHz 0.5 - 2.0 GHz 2.0 - 4.0 GHz -- -- > 0.5 GHz Measured Relative to Input Power, Two Tone input up to 5 dBm, 5 MHz Spacing > 0.5 GHz Measured Relative to Input Power, Two Tone input up to 5 dBm, 5 MHz Spacing > 0.5 GHz
Units
dB dB dB dB
Min.
-- -- -- --
Typ.
1.3 1.6 1.8 2.5
Max.
1.6 -- -- --
Attenuation Accuracy
(0.25 dB +5% of Atten. setting in dB) dB (0.4 dB +5% of Atten. setting in dB) dB Typical (0.6 dB +5% of Atten. setting in dB) dB Typical Ratio Ratio S S dBm dBm dBm -- -- -- -- -- -- -- 1.3:1 1.3:1 2.5 1.0 24 80 47 -- -- -- -- -- -- --
VSWR Trise, Tfall Ton, Toff Input P1dB IP2 IP3
Truth Table 6,7
VC1
1 1 1 1 0 0 6. 7.
Handling Procedures
VC3
1 1 0 1 1 0
VC2
1 1 1 0 1 0
VC4
1 0 1 1 1 0
Attenuation (dB)
Reference IL 1 2 4 8 15
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
0 = 0 0.2 V, 1 = +5 V @ 50 A max. current total. VS = +5 V.
Lead Free TSSOP-16
2
Reference Application Note M538 for lead-free solder reflow recommendations.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
Typical Performance Curves
Relative Attenuation
16 14
4
MAATSS0019 V2
Insertion Loss
5
12 10 8 6 4
1 2 3
2 0 0 1 2 3 4
0 0 1 2 3 4
Frequency (GHz)
Frequency (GHz)
Input Return Loss
0
IL 1 dB 2 dB 4 dB 8 dB 15 dB
Output Return Loss
0
-10
-10
-20
-20
IL 1 dB 2 dB 4 dB 8 dB 15 dB
-30
-30
-40 0 1 2 3 4
-40 0 1 2 3 4
Frequency (GHz)
Frequency (GHz)
Attenuation Accuracy
0.8 0.6 0.4 0.2
1 dB 2 dB 4 dB 8 dB 15 dB
Input IP3
50
45
40 0 -0.2 -0.4 -0.6 0 1 2 3 4 30 0 1 2 3 4
IL 1 dB 2 dB 4 dB 8 dB 15 dB
35
Frequency (GHz)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
Frequency (GHz)
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MAATSS0019TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X